PART |
Description |
Maker |
1885180000 1885250000 1885590000 1884680000 188899 |
CONN TERM BLOCK 2POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 9POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 19POS 3.81MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 12POS 5.0MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
870519-G30 |
MODULAR TERMINAL BLOCK
|
BEAU INTERCONNECT
|
1566710000 |
10 A, MODULAR TERMINAL BLOCK
|
WEIDMULLER
|
167946 |
MODULAR TERMINAL BLOCK
|
WEIDMULLER
|
62046 |
MODULAR TERMINAL BLOCK
|
WEIDMULLER
|
Z2.803.2228.0 Z2.803.2428.0 |
MODULAR TERMINAL BLOCK
|
WIELAND ELECTRIC INC
|
|